Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 518 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 518 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 514Page - Renesas Technology Corp SH7713 Datasheet HTML 515Page - Renesas Technology Corp SH7713 Datasheet HTML 516Page - Renesas Technology Corp SH7713 Datasheet HTML 517Page - Renesas Technology Corp SH7713 Datasheet HTML 518Page - Renesas Technology Corp SH7713 Datasheet HTML 519Page - Renesas Technology Corp SH7713 Datasheet HTML 520Page - Renesas Technology Corp SH7713 Datasheet HTML 521Page - Renesas Technology Corp SH7713 Datasheet HTML 522Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 478 of 860
REJ09B0288-0150
Table 13.4
Selecting External Request Detection with DL, DS Bits
CHCR
DL
DS
Detection of External Request
0
Low level detection
0
1
Falling edge detection
0
High level detection
1
1
Rising edge detection
When DREQ is accepted, the DREQ pin becomes request accept disabled state (non-sensitive
period). After issuing acknowledge signal DACK for the accepted DREQ, the DREQ pin again
becomes request accept enabled state.
When DREQ is used by level detection, there are following two cases by the timing to detect the
next DREQ after outputting DACK.
Overrun 0: Transfer is aborted after the same number of transfer has been performed as requests.
Overrun 1: Transfer is aborted after transfers have been performed for (the number of requests
plus 1) times.
The DO bit in CHCR selects this overrun 0 or overrun 1.
Table 13.5
Selecting External Request Detection with DO Bit
CHCR
DO
External Request
0
Overrun 0
1
Overrun 1
On-Chip Peripheral Module Request Mode: In this mode, the transfer is performed in response
to the transfer request signal of an on-chip peripheral module.
The DMA transfer request signals comprise the transmit data empty transfer request and receive
data full transfer request from the SCIF0, SCIF1, SIOF0, and SIOF1 set by DMARS0 to
DMARS2.
When this mode is selected, if the DMA transfer is enabled (DE = 1, DME = 1, TE = 0, AE = 0,
NMIF = 0), a transfer is performed upon the input of a transfer request signal. When a transfer
request is set to TXI of the SCIF0, the transfer destination must be the SCIF0’s transmit data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com