Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 516Page - Renesas Technology Corp SH7713 Datasheet HTML 517Page - Renesas Technology Corp SH7713 Datasheet HTML 518Page - Renesas Technology Corp SH7713 Datasheet HTML 519Page - Renesas Technology Corp SH7713 Datasheet HTML 520Page - Renesas Technology Corp SH7713 Datasheet HTML 521Page - Renesas Technology Corp SH7713 Datasheet HTML 522Page - Renesas Technology Corp SH7713 Datasheet HTML 523Page - Renesas Technology Corp SH7713 Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 480 of 860
REJ09B0288-0150
Round-Robin Mode: Each time one word, byte, longword or 16-byte unit is transferred on one
channel, the priority order is rotated. The channel on which the transfer was just finished rotates to
the bottom of the priority order. The round-robin mode operation is shown in figure 13.3. The
priority of the round-robin mode is CH0 > CH1 > CH2 > CH3 > CH4 > CH5 immediately after a
reset. When round-robin mode is specified, the bus mode setting of multiple channels does not
allow a mixture of cycle steal mode and burst mode.
CH1
> CH2 > CH3 > CH4 > CH5 > CH0
CH0
> CH1 > CH2 > CH3 > CH4 > CH5
CH2
> CH3 > CH4 > CH5 > CH0 > CH1
CH0
> CH1 > CH2 > CH3 > CH4 > CH5
CH0
> CH1 > CH2 > CH3 > CH4 > CH5
CH0
> CH1 > CH2 > CH3 > CH4 > CH5
CH0
> CH1 > CH2 > CH3 > CH4 > CH5
CH3
> CH4 > CH5 > CH0 > CH1 > CH2
CH0
> CH1 > CH2 > CH3 > CH4 > CH5
(1) When channel 0 transfers
Initial priority order
Initial priority order
Initial priority order
Initial priority
order
Priority order
afrer transfer
Priority order does not change
Channel 2 becomes bottom
priority.
The priority of channels 0 and 1,
which were higher than channel 2,
are also shifted. If immediately
after there is a request to transfer
channel 5 only, channel 5 becomes
bottom priority and the priority of
channels 3 and 4, which were
higher than channel 5, are also
shifted.
Channel 1 becomes bottom
priority.
The priority of channel 0, which
was higher than channel 1, is also
shifted.
Channel 0 becomes bottom
priority
Priority order
afrer transfer
Priority order
afrer transfer
Priority order
afrer transfer
Post-transfer priority order
when there is an
immediate transfer
request to channel 5 only
(2) When channel 1 transfers
(3) When channel 2 transfers
(4) When channel 5 transfers
Figure 13.3 Round-Robin Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com