Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 524 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 524 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 520Page - Renesas Technology Corp SH7713 Datasheet HTML 521Page - Renesas Technology Corp SH7713 Datasheet HTML 522Page - Renesas Technology Corp SH7713 Datasheet HTML 523Page - Renesas Technology Corp SH7713 Datasheet HTML 524Page - Renesas Technology Corp SH7713 Datasheet HTML 525Page - Renesas Technology Corp SH7713 Datasheet HTML 526Page - Renesas Technology Corp SH7713 Datasheet HTML 527Page - Renesas Technology Corp SH7713 Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 484 of 860
REJ09B0288-0150
CKIO
A25 to A0
Note: In transfer between external memories, with DACK output in the read cycle,
DACK output timing is the same as that of
CSn.
D31 to D0
WEn
RD
DACKn
(Active-Low)
CSn
Transfer source
address
Transfer destination
address
Data read cycle
Data write cycle
(1st cycle)
(2nd cycle)
Figure 13.6 Example of DMA Transfer Timing in Dual Address Mode (Source: Ordinary
memory, Destination: Ordinary memory)
2. Single Address Mode
In single address mode, either the transfer source or transfer destination external device is
accessed (selected) by means of the DACK signal, and the other device is accessed by address.
In this mode, the DMAC performs one DMA transfer in one bus cycle, accessing one of the
external devices by outputting the DACK transfer request acknowledge signal to it, and at the
same time outputting an address to the other device involved in the transfer. For example, in
the case of transfer between external memory and an external device with DACK shown in
figure 13.7, when the external device outputs data to the data bus, that data is written to the
external memory in the same bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com