Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 523Page - Renesas Technology Corp SH7713 Datasheet HTML 524Page - Renesas Technology Corp SH7713 Datasheet HTML 525Page - Renesas Technology Corp SH7713 Datasheet HTML 526Page - Renesas Technology Corp SH7713 Datasheet HTML 527Page - Renesas Technology Corp SH7713 Datasheet HTML 528Page - Renesas Technology Corp SH7713 Datasheet HTML 529Page - Renesas Technology Corp SH7713 Datasheet HTML 530Page - Renesas Technology Corp SH7713 Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 487 of 860
REJ09B0288-0150
CPU
CPU
CPU
DMAC DMAC
CPU
DMAC DMAC CPU
DREQ
Bus cycle
Bus mastership returned to CPU once
Read
Write
Write
Read
Figure 13.9 DMA Transfer Example in Cycle-Steal Mode
(Dual Address, DREQ Low Level Detection)
• Burst Mode
In the burst mode, once the bus mastership is obtained, the transfer is performed continuously
until the transfer end condition is satisfied. In the external request mode with low level
detection of the DREQ pin, however, when the DREQ pin is driven high, the bus passes to the
other bus master after the DMAC transfer request that has already been accepted ends, even if
the transfer end conditions have not been satisfied.
The burst mode cannot be used when the on-chip peripheral module is the transfer request
source. Figure 13.10 shows DMA transfer timing in burst mode.
CPU
CPU
CPU
DMAC DMAC DMAC DMAC CPU
DREQ
Bus cycle
Read
Read
Write
Write
Figure 13.10 DMA Transfer Example in Burst Mode
(Dual Address, DREQ Low Level Detection)
Relationship between Request Modes and Bus Modes by DMA Transfer Category: Table
13.8 shows the relationship between request modes and bus modes by DMA transfer category.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com