Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 526 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 522Page - Renesas Technology Corp SH7713 Datasheet HTML 523Page - Renesas Technology Corp SH7713 Datasheet HTML 524Page - Renesas Technology Corp SH7713 Datasheet HTML 525Page - Renesas Technology Corp SH7713 Datasheet HTML 526Page - Renesas Technology Corp SH7713 Datasheet HTML 527Page - Renesas Technology Corp SH7713 Datasheet HTML 528Page - Renesas Technology Corp SH7713 Datasheet HTML 529Page - Renesas Technology Corp SH7713 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 486 of 860
REJ09B0288-0150
Address output to external memory space
Select signal to external memory space
Select signal to external memory space
Data output from external device with DACK
DACK signal (active-low) to external device with DACK
Write strobe signal to external memory space
Address output to external memory space
Data output from external memory space
DACK signal (active-low) to external device with DACK
Read strobe signal to external memory space
(a) External device with DACK
→ external memory space (ordinary memory)
(b) External memory space (ordinary memory)
→ external device with DACK
CKIO
A25 to A0
D31 to D0
DACKn
CSn
WE
CKIO
A25 to A0
D31 to D0
DACKn
CSn
RD
Figure 13.8 Example of DMA Transfer Timing in Single Address Mode
Bus Modes: There are two bus modes: cycle steal and burst. Select the mode in the TB bits of the
channel control register (CHCR).
• Cycle-Steal Mode
In the cycle-steal mode, the bus mastership is given to another bus master after a one-transfer-
unit (byte, word, long-word, or 16 bytes unit) DMA transfer. When another transfer request
occurs, the bus masterships are obtained from the other bus master and a transfer is performed
for one transfer unit. When that transfer ends, the bus mastership is passed to the other bus
master. This is repeated until the transfer end conditions are satisfied.
In the cycle-steal mode, transfer areas are not affected regardless of settings of the transfer
request source, transfer source, and transfer destination.
Figure 13.9 shows an example of DMA transfer timing in the cycle steal mode. Transfer
conditions shown in the figure are:
1. Dual address mode
2. DREQ low level detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com