Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 523 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 519Page - Renesas Technology Corp SH7713 Datasheet HTML 520Page - Renesas Technology Corp SH7713 Datasheet HTML 521Page - Renesas Technology Corp SH7713 Datasheet HTML 522Page - Renesas Technology Corp SH7713 Datasheet HTML 523Page - Renesas Technology Corp SH7713 Datasheet HTML 524Page - Renesas Technology Corp SH7713 Datasheet HTML 525Page - Renesas Technology Corp SH7713 Datasheet HTML 526Page - Renesas Technology Corp SH7713 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 483 of 860
REJ09B0288-0150
Data buffer
Memory
Transfer source
module
Transfer destination
module
Memory
Transfer source
module
Transfer destination
module
SAR
DAR
Data buffer
SAR
DAR
The SAR value is an address, data is read from the transfer source module,
and the data is temporarily stored in the DMAC.
First bus cycle
Second bus cycle
The DAR value is an address and the value stored in the data buffer in the
DMAC is written to the transfer destination module.
DMAC
DMAC
Figure 13.5 Data Flow in Dual Address Mode
Auto request, external request, and on-chip peripheral module request are available for the
transfer request. DACK can be output in read cycle or write cycle in dual address mode. The
AM bit of the channel control register (CHCR) can specify whether the DACK is output in
read cycle or write cycle.
Figure 13.6 shows an example of DMA transfer timing in dual address mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com