Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 515Page - Renesas Technology Corp SH7713 Datasheet HTML 516Page - Renesas Technology Corp SH7713 Datasheet HTML 517Page - Renesas Technology Corp SH7713 Datasheet HTML 518Page - Renesas Technology Corp SH7713 Datasheet HTML 519Page - Renesas Technology Corp SH7713 Datasheet HTML 520Page - Renesas Technology Corp SH7713 Datasheet HTML 521Page - Renesas Technology Corp SH7713 Datasheet HTML 522Page - Renesas Technology Corp SH7713 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 479 of 860
REJ09B0288-0150
register. Likewise, when a transfer request is set to RXI of the SCIF0, the transfer source must be
the SCIF0's receive data register. These conditions also apply to the SCIF1, SIOF0, and SIOF1.
Depending on the on-chip peripheral module, the number of receive FIFO triggers can be set as a
transfer request. If the receive FIFO trigger condition is not satisfied, data may be remained in the
receive FIFO. Therefore, data needs to be read upon completion of the DMA transfer.
Table 13.6
Selecting On-Chip Peripheral Module Request Modes with RS3 to RS0 Bits
CHCR
DMARS
RS[3:0]
MID
RID
DMA Transfer
Request
Source
DMA Transfer
Request Signal
Source
Destination
Bus
Mode
01
SCIF0
transmitter
TXI (transmit FIFO data
empty interrupt)
Any
SCFTDR_0
Cycle
steal
001000
10
SCIF0
receiver
RXI (receive FIFO data
full interrupt)
SCFRDR_0
Any
Cycle
steal
01
SCIF1
transmitter
TXI (transmit FIFO data
empty interrupt)
Any
SCFTDR_1
Cycle
steal
001010
10
SCIF1
receiver
RXI (receive FIFO data
full interrupt)
SCFRDR_1
Any
Cycle
steal
01
SIOF0
transmitter
TXI (transmit FIFO data
empty interrupt)
Any
SITDR_0
Cycle
steal
010100
10
SIOF0
receiver
RXI (receive FIFO data
full interrupt)
SIOF0/
SIRDR_0
Any
Cycle
steal
01
SIOF1
transmitter
TXI (transmit FIFO data
empty interrupt)
Any
SITDR_1
Cycle
steal
1000
010101
10
SIOF1
receiver
RXI (receive FIFO data
full interrupt)
SIOF1/
SIRDR_1
Any
Cycle
steal
13.4.3
Channel Priority
When the DMAC receives simultaneous transfer requests on two or more channels, it selects a
channel according to a predetermined priority order. The two modes (fixed mode and round-robin
mode) can be selected using bits PR0 and PR1 in DMAOR.
Fixed Mode: In this mode, the priority levels among the channels remain fixed. There are two
kinds of fixed modes as follows:
Fixed mode 1: CH0 > CH1 > CH2 > CH3 > CH4 > CH5
Fixed mode 2: CH0 > CH2 > CH3 > CH1 > CH4 > CH5
These are selected by the PR1 and the PR0 bits in DMAOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com