| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 522 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 522 Page - Renesas Technology Corp |
|
522 / 904 page ![]() Section 13 Direct Memory Access Controller (DMAC) Rev.1.50 Aug. 30, 2006 Page 482 of 860 REJ09B0288-0150 13.4.4 DMA Transfer Types DMA transfer has two types; single address mode transfer and dual address mode transfer, They depend on the number of bus cycles of access to source and destination. A data transfer timing depends on the bus mode, which has cycle steal mode and burst mode. The DMAC supports the transfers shown in table 13.7. Table 13.7 Supported DMA Transfers Destination Source External Device with DACK External Memory Memory- Mapped External Device On-Chip Peripheral Module X/Y Memory External device with DACK Not available Single Single Not available Not available External memory Single Dual Dual Dual Dual Memory-mapped external device Single Dual Dual Dual Dual On-chip peripheral module Not available Dual Dual Dual Dual X/Y memory Not available Dual Dual Dual Dual Notes: 1. Dual: Dual address mode 2. Single: Single address mode 3. 16-byte transfer is not available for on-chip peripheral modules. Address Modes: 1. Dual Address Mode In the dual address mode, both the transfer source and destination are accessed (selected) by an address. The source and destination can be located externally or internally. DMA transfer requires two bus cycles because data is read from the transfer source in a data read cycle and written to the transfer destination in a data write cycle. At this time, transfer data is temporarily stored in the DMAC. In the transfer between external memories as shown in figure 13.5, data is read to the DMAC from one external memory in a data read cycle, and then that data is written to the other external memory in a write cycle. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |