Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 528 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 528 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 524Page - Renesas Technology Corp SH7713 Datasheet HTML 525Page - Renesas Technology Corp SH7713 Datasheet HTML 526Page - Renesas Technology Corp SH7713 Datasheet HTML 527Page - Renesas Technology Corp SH7713 Datasheet HTML 528Page - Renesas Technology Corp SH7713 Datasheet HTML 529Page - Renesas Technology Corp SH7713 Datasheet HTML 530Page - Renesas Technology Corp SH7713 Datasheet HTML 531Page - Renesas Technology Corp SH7713 Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 488 of 860
REJ09B0288-0150
Table 13.8
Relationship of Request Modes and Bus Modes by DMA Transfer Category
Address
Mode
Transfer Category
Request
Mode
Bus
Mode
Transfer
Size (bits)
Usable
Channels
External device with DACK and external
memory
External
B/C
8/16/32/128
0, 1
External device with DACK and memory-
mapped external device
External
B/C
8/16/32/128
0, 1
External memory and external memory
External,
auto
B/C
8/16/32/128
0 to 5*
2
Dual
External memory and memory-mapped
external device
External,
auto
B/C
8/16/32/128
0 to 5*
2
Memory-mapped external device and
memory-mapped external device
External,
auto
B/C
8/16/32/128
0 to 5*
2
External memory and on-chip peripheral
module
All*
1
C
8/16/32*
3
0 to 5*
2
Memory-mapped external device and
on-chip peripheral module
All*
1
C
8/16/32*
3
0 to 5*
2
On-chip peripheral module and on-chip
peripheral module
All*
1
C
8/16/32*
3
0 to 5*
2
X/Y memory and X/Y memory
External,
auto
B/C
8/16/32/128
0 to 5*
2
X/Y memory and memory-mapped
external device
External,
auto
B/C
8/16/32/128
0 to 5*
2
X/Y memory and on-chip peripheral
module
All*
1
C
8/16/32*
3
0 to 5*
2
X/Y memory and external memory
External,
auto
B/C
8/16/32/128
0 to 5*
2
External device with DACK and external
memory
External
B/C
8/16/32
0, 1
Single
External device with DACK and memory-
mapped external device
External
B/C
8/16/32
0, 1
[Legend] B: Burst, C: Cycle steal
Notes: 1. External requests, auto requests, and on-chip peripheral module requests are all
available. However, the request-source register must be designated as the transfer
source or the transfer destination.
2. If the transfer request is an external request, channels 0 and 1 are only available.
3. Access size permitted for each module must be used when accessing the on-chip
peripheral module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com