Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 525Page - Renesas Technology Corp SH7713 Datasheet HTML 526Page - Renesas Technology Corp SH7713 Datasheet HTML 527Page - Renesas Technology Corp SH7713 Datasheet HTML 528Page - Renesas Technology Corp SH7713 Datasheet HTML 529Page - Renesas Technology Corp SH7713 Datasheet HTML 530Page - Renesas Technology Corp SH7713 Datasheet HTML 531Page - Renesas Technology Corp SH7713 Datasheet HTML 532Page - Renesas Technology Corp SH7713 Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 489 of 860
REJ09B0288-0150
Bus Mode and Channel Priority: Even if channel 1 is performing burst-mode transfer in priority
fixed mode (CH0 > CH1), channel 0 starts transfer immediately when a request is made for
transfer on channel 0 with higher priority.
If channel 0 is also in burst mode at this time, channel 1 resumes transfer after transfer on channel
0 with higher priority is completed.
If channel 0 is in cycle-steal mode, channel 0 with higher priority transfers one transfer unit then
allows channel 1 to perform transfers without releasing bus mastership. Next, transfers are
performed alternately by channel 0, channel 1, channel 0, channel 1, and so on. This means that a
bus state is set for the CPU cycle after completion of the cycle-steal mode transfer is replaced with
the burst-mode transfer. (This operation is hereinafter referred to as burst-mode priority
execution.) Figure 13.11 shows an example.
If multiple channels are conflicting in burst mode, the channel with the highest priority is selected
for execution.
If multiple channels perform DMA transfers, bus mastership is not released to the bus master until
all conflicting burst transfers are completed.
CPU
DMA
CH1
DMA
CH1
DMA
CH0
DMA
CH1
DMA
CH0
DMA
CH1
DMA
CH1
CPU
CH0
CH1
CH0
Cycle-steal mode in
DMAC CH0 and CH1
DMAC CH1
Burst mode
CPU
CPU
Priority: CH0 > CH1
CH0: Cycle-steal mode
CH1: Burst mode
DMAC CH1
Burst mode
Figure 13.11 Bus State when Multiple Channels are Operating
In round-robin mode, the priority changes according to the specification shown in figure 13.11.
However, no mixture of channels in cycle-steal mode and channels in burst mode is allowed.
13.4.5
Number of Bus Cycle States and DREQ Pin Sampling Timing
Number of Bus Cycle States: When the DMAC is the bus master, the number of bus cycle states
is controlled by the bus state controller (BSC) in the same way as when the CPU is the bus master.
For details, see section 12, Bus State Controller (BSC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com