Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 511 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 511 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 507Page - Renesas Technology Corp SH7713 Datasheet HTML 508Page - Renesas Technology Corp SH7713 Datasheet HTML 509Page - Renesas Technology Corp SH7713 Datasheet HTML 510Page - Renesas Technology Corp SH7713 Datasheet HTML 511Page - Renesas Technology Corp SH7713 Datasheet HTML 512Page - Renesas Technology Corp SH7713 Datasheet HTML 513Page - Renesas Technology Corp SH7713 Datasheet HTML 514Page - Renesas Technology Corp SH7713 Datasheet HTML 515Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 471 of 860
REJ09B0288-0150
13.3.6
DMA Extension Resource Selector 0 to 2 (DMARS0 to DMARS2)
DMARS is a 16-bit readable/writable register that specifies the DMA transfer sources from
peripheral modules in each channel. DMARS0 specifies for channels 0 and 1, DMARS1 specifies
for channels 2 and 3, and DMARS2 specifies for channels 4 and 5. This register can set the
transfer requests of the SCIF0, SCIF1, SIOF0, and SIOF1.
When MID and RID other than the values listed in table 13.2 are set, the operation of this LSI is
not guaranteed. The transfer request from DMARS is valid only when bits RS3 to RS0 has been
set to B'1000 in CHCR0 to CHCR5. Otherwise, even if DMARS has been set, a transfer request
source is not accepted.
DMARS is initialized to H'0000 at reset and retains the current value in standby or module
standby mode.
• DMARS0
Bit
Bit Name
Initial
Value
R/W
Description
15
14
13
12
11
10
C1MID5
C1MID4
C1MID3
C1MID2
C1MID1
C1MID0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Transfer request module ID for DMA channel 1 (MID)
See table 13.2.
9
8
C1RID1
C1RID0
0
0
R/W
R/W
Transfer request register ID for DMA channel 1 (RID)
See table 13.2.
7
6
5
4
3
2
C0MID5
C0MID4
C0MID3
C0MID2
C0MID1
C0MID0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
Transfer request module ID for DMA channel 0 (MID)
See table 13.2.
1
0
C0RID1
C0RID0
0
0
R/W
R/W
Transfer request register ID for DMA channel 0 (RID)
See table 13.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com