Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 508 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 508 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 504Page - Renesas Technology Corp SH7713 Datasheet HTML 505Page - Renesas Technology Corp SH7713 Datasheet HTML 506Page - Renesas Technology Corp SH7713 Datasheet HTML 507Page - Renesas Technology Corp SH7713 Datasheet HTML 508Page - Renesas Technology Corp SH7713 Datasheet HTML 509Page - Renesas Technology Corp SH7713 Datasheet HTML 510Page - Renesas Technology Corp SH7713 Datasheet HTML 511Page - Renesas Technology Corp SH7713 Datasheet HTML 512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 468 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
4
3
TS1
TS0
0
0
R/W
R/W
Transfer Size
Specify the size of data to be transferred.
Select the size of data to be transferred when the source
or destination is an on-chip peripheral module register of
which transfer size is specified.
00: Byte size
01: Word (two bytes) size
10: Longword (four bytes) size
11: 16-byte (four longwords) size
2
IE
0
R/W
Interrupt Enable
Specifies whether or not an interrupt request is generated
to the CPU at the end of the DMA transfer. Setting this bit
to 1 generates an interrupt request (DEI) to the CPU
when the TE bit is set to 1.
0: Interrupt request is disabled
1: Interrupt request is enabled
1
TE
0
R/(W)*
Transfer End Flag
The TE bit is set to 1 when data transfer ends when
DMATCR becomes to 0.
The TE bit is not set to 1 in the following cases.
• DMA transfer ends due to an NMI interrupt or DMA
address error before DMATCR becomes 0.
• DMA transfer is ended by clearing the DE bit and
DME bit in the DMA operation register (DMAOR).
Even if the DE bit is set to 1 while this bit is set to 1,
transfer is not enabled.
0: During the DMA transfer or DMA transfer has been
interrupted
1: DMA transfer ends by the specified count (DMATCR =
0)
[Clearing condition]
Writing 0 after reading 1 from this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com