Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 505 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 505 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 501Page - Renesas Technology Corp SH7713 Datasheet HTML 502Page - Renesas Technology Corp SH7713 Datasheet HTML 503Page - Renesas Technology Corp SH7713 Datasheet HTML 504Page - Renesas Technology Corp SH7713 Datasheet HTML 505Page - Renesas Technology Corp SH7713 Datasheet HTML 506Page - Renesas Technology Corp SH7713 Datasheet HTML 507Page - Renesas Technology Corp SH7713 Datasheet HTML 508Page - Renesas Technology Corp SH7713 Datasheet HTML 509Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 465 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
22
TL
0
R/W
Transfer End Level
Specifies the TEND signal output is high active or low
active.
This bit is valid only in CHCR0 and CHCR1.This bit is
reserved and always read as 0 in CHCR2 to CHCR5. The
write value should always be 0.
0: Low-active output of TEND
1: High-active output of TEND
21 to
18
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
17
AM
0
R/W
Acknowledge Mode
Specifies whether the DACK is output in data read cycle or
in data write cycle in dual address mode.
In single address mode, the DACK is always output
regardless of the specification by this bit.
This bit is valid only in CHCR0 and CHCR1.This bit is
reserved and always read as 0 in CHCR2 to CHCR5. The
write value should always be 0.
0: DACK output in read cycle (Dual address mode)
1: DACK output in write cycle (Dual address mode)
16
AL
0
R/W
Acknowledge Level
Specifies the DACK signal output is high active or low
active.
This bit is valid only in CHCR0 and CHCR1.This bit is
reserved and always read as 0 in CHCR2 to CHCR5. The
write value should always be 0.
0: Low-active output of DACK
1: High-active output of DACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com