Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 505Page - Renesas Technology Corp SH7713 Datasheet HTML 506Page - Renesas Technology Corp SH7713 Datasheet HTML 507Page - Renesas Technology Corp SH7713 Datasheet HTML 508Page - Renesas Technology Corp SH7713 Datasheet HTML 509Page - Renesas Technology Corp SH7713 Datasheet HTML 510Page - Renesas Technology Corp SH7713 Datasheet HTML 511Page - Renesas Technology Corp SH7713 Datasheet HTML 512Page - Renesas Technology Corp SH7713 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 469 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Descriptions
0
DE
0
R/W
DMA Enable
Enables or disables the DMA transfer. In auto-request
mode, DMA transfer starts by setting the DE bit and DME bit
in DMAOR to 1. In this time, all of the bits TE, NMIF in
DMAOR, and AE in DMAOR must be 0. In an external
request or peripheral module request, DMA transfer starts if
DMA transfer request is generated by the devices or
peripheral modules after setting the bits DE and DME to 1.
In this case, however, all of the bits TE, NMIF, and AE must
be 0 as in the case of auto-request mode. Clearing the DE
bit to 0 can terminate the DMA transfer.
0: DMA transfer disabled
1: DMA transfer enabled
Note:
*
Only 0 can be written to clear the flag.
13.3.5
DMA Operation Register (DMAOR)
DMAOR is a 16-bit readable/writable register that specifies the priority level of channels at the
DMA transfer. This register indicates the DMA transfer status.
DMAOR is initialized to H
′0000 at a reset and retains the current value in standby or module
standby mode.
Bit
Bit Name
Initial
Value
R/W
Description
15 to
10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
9
8
PR1
PR0
0
0
R/W
R/W
Priority Mode
Select the priority level between channels when there are
transfer requests for multiple channels simultaneously.
00: Fixed mode 1: CH0 > CH1 > CH2 > CH3 > CH4 > CH5
01: Fixed mode 2: CH0 > CH2 > CH3 > CH1 > CH4 > CH5
10: Reserved (setting prohibited)
11: All channel round-robin mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com