Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 504 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 504 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 500Page - Renesas Technology Corp SH7713 Datasheet HTML 501Page - Renesas Technology Corp SH7713 Datasheet HTML 502Page - Renesas Technology Corp SH7713 Datasheet HTML 503Page - Renesas Technology Corp SH7713 Datasheet HTML 504Page - Renesas Technology Corp SH7713 Datasheet HTML 505Page - Renesas Technology Corp SH7713 Datasheet HTML 506Page - Renesas Technology Corp SH7713 Datasheet HTML 507Page - Renesas Technology Corp SH7713 Datasheet HTML 508Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 904 page
background image
Section 13 Direct Memory Access Controller (DMAC)
Rev.1.50 Aug. 30, 2006 Page 464 of 860
REJ09B0288-0150
13.3.3
DMA Transfer Count Register (DMATCR)
DMATCR is a 32-bit readable/writable registers that specifies the DMA transfer count. The
number of transfers is 1 when the setting is H'00000001, 16,777,215 when H'00FFFFFF is set, and
16,777,216 (the maximum) when H'00000000 is set. During a DMA transfer, DMATCR indicates
the remaining transfer count.
The upper eight bits of DMATCR will return 0 if read, and should only be written with 0.
To transfer data in 16 bytes, one 16-byte transfer (128 bits) counts one.
DMATCR is undefined at reset and retains the current value in standby or module standby mode.
13.3.4
DMA Channel Control Register (CHCR)
CHCR is a 32-bit readable/writable register that controls the DMA transfer mode.
CHCR is initialized to H'00000000 at reset and retains the current value in the standby or module
standby mode.
Bit
Bit Name
Initial
Value
R/W
Description
31 to
24
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
23
DO
0
R/W
DMA Overrun
Selects whether the DREQ is detected by overrun 0 or by
overrun 1.
This bit is valid only in CHCR0 and CHCR1.This bit is
reserved and always read as 0 in CHCR2 to CHCR5. The
write value should always be 0.
0: Detects DREQ by overrun 0
1: Detects DREQ by overrun 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com