| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 705 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 705 Page - Renesas Technology Corp |
|
705 / 904 page ![]() Section 18 Ethernet Controller (EtherC) Rev.1.50 Aug. 30, 2006 Page 665 of 860 REJ09B0288-0150 MDC (1) (1) Write to PHY interface register MMD = 0 MDC = 0 Independent bus release timing relationship MDO Figure 18.6 (4) Independent Bus Release Flowchart (IDLE in Write in Figure 18.5) 18.4.5 Magic Packet Detection The EtherC has a Magic Packet detection function. This function provides a Wake-On-LAN (WOL) facility that activates various peripheral devices connected to a LAN from the host device or other source. This makes it possible to construct a system in which a peripheral device receives a Magic Packet sent from the host device or other source, and activates itself. When the Magic Packet is detected, data is stored in the FIFO of the E-DMAC by the broadcast packet that has received data previously and the EtherC is notified of the receiving status. To return to normal operation from the interrupt processing, initialize the EtherC and E-DMAC by using ARST bit in the software reset register (ARSTR). With a Magic Packet, reception is performed regardless of the destination address. As a result, this function is valid, and the WOL pin enabled, only in the case of a match with the destination address specified by the format in the Magic Packet. Further information on Magic Packets can be found in the technical documentation published by AMD Corporation. The procedure for using the WOL function with this LSI is as follows. 1. Disable interrupt source output by means of the various interrupt enable/mask registers. 2. Set the Magic Packet detection enable bit (MPDE) in the EtherC mode register (ECMR). 3. Set the Magic Packet detection interrupt enable bit (MPDIP) in the EtherC interrupt enable register (ECSIPR) to the enable setting. 4. If necessary, set the CPU operating mode to sleep mode or set peripheral modules to module standby mode. 5. When a Magic Packet is detected, an interrupt is sent to the CPU. The WOL pin notifies peripheral LSIs that the Magic Packet has been detected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |