| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 709 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 709 Page - Renesas Technology Corp |
|
709 / 904 page ![]() Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC) EDMAS20B_000020020900 Rev.1.50 Aug. 30, 2006 Page 669 of 860 REJ09B0288-0150 Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC) This LSI has an on-chip one-channel direct memory access controller (E-DMAC) directly connected to the Ethernet controller (EtherC). By using the DMAC contained in the E-DMAC, the E-DMAC transfers transmit/receive data between the transmit/receive FIFO in the E-DMAC and a user-specified data storage destination (buffer) by DMA transfer. At DMA transfer, information referenced by the E-DMAC is referred to as a transmit/receive descriptor, and the user places this descriptor in memory. This function reduces the load on the CPU and enables efficient data transfer control to be achieved. The E-DMAC controls the data transmission/reception from the MAC of EtherC. Figure 19.1 shows the configuration of the E-DMAC, and the descriptors and transmit/receive buffers in memory. 19.1 Features The E-DMAC has the following features: • Contains one-channel independent transmit/receive DMAC • The load on the CPU is reduced by means of a descriptor management system • Transmit/receive frame status information is indicated in descriptors • Achieves efficient system bus utilization through the use of DMA block transfer (16-byte units) • Supports single-frame/single-descriptor operation and single-frame/multi-frame (multi-buffer) operation Note: The E-DMAC cannot access peripheral modules. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |