Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 711 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 711 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 707Page - Renesas Technology Corp SH7713 Datasheet HTML 708Page - Renesas Technology Corp SH7713 Datasheet HTML 709Page - Renesas Technology Corp SH7713 Datasheet HTML 710Page - Renesas Technology Corp SH7713 Datasheet HTML 711Page - Renesas Technology Corp SH7713 Datasheet HTML 712Page - Renesas Technology Corp SH7713 Datasheet HTML 713Page - Renesas Technology Corp SH7713 Datasheet HTML 714Page - Renesas Technology Corp SH7713 Datasheet HTML 715Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 671 of 860
REJ09B0288-0150
• Overflow alert FIFO threshold register (FCFTR)
• Transmit interrupt register (TRIMD)
19.2.1
E-DMAC Mode Register (EDMR)
EDMR is a 32-bit readable/writable register that specifies E-DMAC resetting and transmit/receive
descriptor length. This register is to be set before the TR bit in EDTRR or the RR bit in EDRRR is
set to 1. If a software reset is executed with this register during data transmission, abnormal data
may be transmitted on the line. Execute a software reset with this register before specifying
transmit/receive descriptor length and modifying the settings of TDLAR, RDLAR, and so forth,
the setting of ECMR (EtherC mode register), and the settings of registers related to E-DMAC and
EtherC operation. The time required for completion of EtherC and E-DMAC initialization from a
software reset with this register is 64 cycles of the internal bus clock B
φ. Therefore, registers of
the EtherC and E-DMAC should be accessed after 64 cycles of the internal bus clock B
φ has
elapsed.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 6
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5
4
DL1
DL0
0
0
R/W
R/W
Descriptor Length
These bits specify the descriptor length. (See section
19.3.1, Descriptors and Descriptor List.)
00: 16 bytes
01: 32 bytes
10: 64 bytes
11: Reserved (setting prohibited)
3 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com