Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 715 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 715 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 711Page - Renesas Technology Corp SH7713 Datasheet HTML 712Page - Renesas Technology Corp SH7713 Datasheet HTML 713Page - Renesas Technology Corp SH7713 Datasheet HTML 714Page - Renesas Technology Corp SH7713 Datasheet HTML 715Page - Renesas Technology Corp SH7713 Datasheet HTML 716Page - Renesas Technology Corp SH7713 Datasheet HTML 717Page - Renesas Technology Corp SH7713 Datasheet HTML 718Page - Renesas Technology Corp SH7713 Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 675 of 860
REJ09B0288-0150
19.2.5
Receive Descriptor List Address Register (RDLAR)
RDLAR is a 32-bit readable/writable register that specifies the start address of the receive
descriptor list. Descriptors have a boundary configuration in accordance with the descriptor length
indicated by the DL bit in EDMR. This register must not be written to during reception.
Modifications to this register should only be made while reception is disabled by the RR bit (
= 0)
in the E-DMAC Receive Request Register (EDRRR).
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
RDLA31 to
RDLA0
All 0
R/W
Receive Descriptor Start Address
The lower bits are set as follows according to the
specified descriptor length.
16-byte boundary: RDLA3 and RDLA0 = 0000
32-byte boundary: RDLA4 and RDLA0 = 00000
64-byte boundary: RDLA5 and RDLA0 = 000000
19.2.6
EtherC/E-DMAC Status Register (EESR)
EESR is a 32-bit readable/writable register that shows communications status information on the
E-DMAC in combination with the EtherC. The information in this register is reported in the form
of interrupt sources. Individual bits are cleared by writing 1 (however, bit 22 (ECI) is a read-only
bit and not to be cleared by writing 1) and are not affected by writing 0. Each interrupt source can
also be masked by means of the corresponding bit in the EtherC/E-DMAC status interrupt
permission register (EESIPR).
The interrupt generated by this register is EINT0. For interrupt priorities, see section 8, Interrupt
Controller (INTC) and section 8.3.5, Interrupt Exception Handling and Priority.
Bit
Bit Name
Initial
Value
R/W
Description
31
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com