Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 712 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 712 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 708Page - Renesas Technology Corp SH7713 Datasheet HTML 709Page - Renesas Technology Corp SH7713 Datasheet HTML 710Page - Renesas Technology Corp SH7713 Datasheet HTML 711Page - Renesas Technology Corp SH7713 Datasheet HTML 712Page - Renesas Technology Corp SH7713 Datasheet HTML 713Page - Renesas Technology Corp SH7713 Datasheet HTML 714Page - Renesas Technology Corp SH7713 Datasheet HTML 715Page - Renesas Technology Corp SH7713 Datasheet HTML 716Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 672 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
0
SWR
0
R/W
Software Reset
By writing 1 to this bit, the registers of the E-DMAC
other than TDLAR, RDLAR, and RMFCR and the
registers of EtherC other than TSU-related registers
can be initialized. (The registers whose names start
with TSU_ are not initialized.) The SWR bit in EDMR
initializes the EDMAC and MAC registers in the
EtherC. While a software reset is issued (64 cycles of
the internal bus clock B
φ), accesses to the all
Ethernet-related registers are prohibited.
Software reset period (example):
When B
φ = 100 MHz: 0.64 µS
When B
φ = 66 MHz: 0.97 µS
When B
φ = 50 MHz: 1.28 µS
When B
φ = 33 MHz: 1.94 µS
This bit is always read as 0.
1: EtherC and E-DMAC are reset (when writing)
19.2.2
E-DMAC Transmit Request Register (EDTRR)
EDTRR is a 32-bit readable/writable register that issues transmit directives to the E-DMAC. After
writing 1 to the TR bit in this register, the E-DMAC reads the transmit descriptor at the address
specified by TDLAR. If the TACT bit of this descriptor is set to 1 (valid), transmit DMA transfer
by the E-DMAC starts. When DMA transfer based on the first transmit descriptor is completed,
the E-DMAC reads the next transmit descriptor. If the TACT bit of that descriptor is set to 1
(valid), the E-DMAC continues transmit DMA operation. If the TACT bit of a transmit descriptor
is cleared to 0 (invalid), the E-DMAC clears the TR bit and stops transmit DMAC operation.
For details of writing to the TR bit, see section 19.4.1, Using of EDTRR and EDRRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com