Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 716 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 716 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 712Page - Renesas Technology Corp SH7713 Datasheet HTML 713Page - Renesas Technology Corp SH7713 Datasheet HTML 714Page - Renesas Technology Corp SH7713 Datasheet HTML 715Page - Renesas Technology Corp SH7713 Datasheet HTML 716Page - Renesas Technology Corp SH7713 Datasheet HTML 717Page - Renesas Technology Corp SH7713 Datasheet HTML 718Page - Renesas Technology Corp SH7713 Datasheet HTML 719Page - Renesas Technology Corp SH7713 Datasheet HTML 720Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 676 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
30
TWB
0
R/W
Write-Back Complete
Indicates that write-back from the E-DMAC to the
corresponding descriptor has completed. This
operation is enabled when the TIS bit in TRIMD is set
to 1.
0: Write-back has not completed, or no transmission
directive
1: Write-back has completed
29 to 27
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
26
TABT
0
R/W
Transmit Abort Detection
Indicates that the EtherC aborts transmitting a frame
because of failures during transmitting the frame.
0: Frame transmission has not been aborted or no
transmit directive
1: Frame transmit has been aborted
25
RABT
0
R/W
Receive Abort Detection
Indicates that the EtherC aborts receiving a frame
because of failures during receiving the frame.
0: Frame reception has not been aborted or no
receive directive
1: Frame receive has been aborted
24
RFCOF
0
R/W
Receive Frame Counter Overflow
Indicates that the receive FIFO frame counter has
overflowed.
0: Receive frame counter has not overflowed
1: Receive frame counter overflows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com