Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 717 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 717 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 713Page - Renesas Technology Corp SH7713 Datasheet HTML 714Page - Renesas Technology Corp SH7713 Datasheet HTML 715Page - Renesas Technology Corp SH7713 Datasheet HTML 716Page - Renesas Technology Corp SH7713 Datasheet HTML 717Page - Renesas Technology Corp SH7713 Datasheet HTML 718Page - Renesas Technology Corp SH7713 Datasheet HTML 719Page - Renesas Technology Corp SH7713 Datasheet HTML 720Page - Renesas Technology Corp SH7713 Datasheet HTML 721Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 717 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 677 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
23
ADE
0
R/W
Address Error
Indicates that the memory address that the E-DMAC
tried to transfer is found illegal.
0: Illegal memory address not detected (normal
operation)
1: Illegal memory address detected
Note:
When an address error is detected, the
E-DMAC halts transmitting/receiving. To
resume the operation, execute a software
reset with the SWR bit in EDMR.
22
ECI
0
R
EtherC Status Register Interrupt Source
This bit is a read-only bit. When the source of an
ECSR interrupt in the EtherC is cleared, this bit is
also cleared.
0: EtherC status interrupt source has not been
detected
1: EtherC status interrupt source has been detected
21
TC
0
R/W
Frame Transmit Complete
Indicates that all the data specified by the transmit
descriptor has been transmitted from the EtherC. This
bit is set to 1, assuming the completion of
transmission, when transmission of one frame is
completed in single-frame/single-descriptor operation
or when the last data of a frame has been transmitted
and the transmit descriptor valid bit (TACT) of the
next descriptor is not set in for the processing of
multi-buffer frame based on single-frame/multi-
descriptor operation. After frame transmission, the E-
DMAC writes the transmission status back to the
relevant descriptor.
0: Transfer not complete, or no transfer directive
1: Transfer complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com