Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 737 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 737 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 733Page - Renesas Technology Corp SH7713 Datasheet HTML 734Page - Renesas Technology Corp SH7713 Datasheet HTML 735Page - Renesas Technology Corp SH7713 Datasheet HTML 736Page - Renesas Technology Corp SH7713 Datasheet HTML 737Page - Renesas Technology Corp SH7713 Datasheet HTML 738Page - Renesas Technology Corp SH7713 Datasheet HTML 739Page - Renesas Technology Corp SH7713 Datasheet HTML 740Page - Renesas Technology Corp SH7713 Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 697 of 860
REJ09B0288-0150
(a)
Transmit Descriptor 0 (TD0)
Before the TR bit in EDTRR is set to 1, the user sets the descriptor valid/invalid bit and sets other
descriptor configuration. After completion of Ethernet frame transmission, the E-DMAC disables
the descriptor valid/invalid bit and writes status information. This operation is referred to as write-
back.
When using TD0, the user should write desired values to bits 31 to 28 according to the descriptor
configuration. Write 0 to bits 27 to 0.
Bit
Bit Name
Initial
Value
R/W
Description
31
TACT
0
R/W
Transmit Descriptor Valid/Invalid
Indicates whether the corresponding descriptor is
valid or invalid. To make this bit valid, store transmit
data in a transmit buffer (user-specified transmit data
storage destination) beforehand, then write 1 to this
bit. The E-DMAC clears this bit to 0 upon completion
of data transfer.
0: Indicates that the transmit descriptor is invalid
Indicates the initial setting state, the state after 0 is
written, or (in case the user writes 1 to this bit) that
this bit is cleared to 0 because of completion of the
processing of the E-DMAC data transfer.
If this state is recognized when the E-DMAC reads
a descriptor, the E-DMAC clears the TR bit in
EDTRR to 0, and halts transfer operation related to
transmission by the E-DMAC.
1: Indicates that the transmit descriptor is valid
After the user writes 1 to this bit, this bit indicates
that data is not transferred yet or data is being
transferred.
When there is a descriptor row (descriptor list)
consisting of multiple continuous descriptors, the
E-DMAC can continue operation when this bit of
the next descriptor is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com