Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 734 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 734 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 730Page - Renesas Technology Corp SH7713 Datasheet HTML 731Page - Renesas Technology Corp SH7713 Datasheet HTML 732Page - Renesas Technology Corp SH7713 Datasheet HTML 733Page - Renesas Technology Corp SH7713 Datasheet HTML 734Page - Renesas Technology Corp SH7713 Datasheet HTML 735Page - Renesas Technology Corp SH7713 Datasheet HTML 736Page - Renesas Technology Corp SH7713 Datasheet HTML 737Page - Renesas Technology Corp SH7713 Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 694 of 860
REJ09B0288-0150
19.2.19
Transmit Interrupt Register (TRIMD)
TRIMD is a 32-bit readable/writable register that specifies whether or not to notify write-back
completion for each frame using the TWB bit in EESR and an interrupt on transmit operations.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
TIS
0
R/W
Transmit Interrupt Setting
0: Write-backed completion for each frame using the
TWB bit in EESR is notified
1: Write-back completion for each frame is not
notified
19.3
Operation
Using its direct memory access (DMA) function, the E-DMAC performs DMA transfer of
transmit/receive data between a Ethernet frame transmission/reception data storage destination of
user- specified (accessible memory space: transmit buffer/receive buffer) and the transmit/receive
FIFO in the E-DMAC. (The user cannot read and write data in the transmit/receive FIFO directly
via the CPU).
To enable the E-DMAC to perform DMA transfer, information (data) including a transmit/receive
data storage address and so forth, referred to as a descriptor, is required. Before Ethernet frame
transmission/reception, the E-DMAC reads descriptor information, then reads transmit data from
the transmit buffer or writes receive data to the receive buffer according to the read descriptor
information. By arranging multiple descriptors as a descriptor row (list) (to be placed in a
readable/writable memory space), multiple Ethernet frames can be transmitted or received
continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com