Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 731 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 731 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 727Page - Renesas Technology Corp SH7713 Datasheet HTML 728Page - Renesas Technology Corp SH7713 Datasheet HTML 729Page - Renesas Technology Corp SH7713 Datasheet HTML 730Page - Renesas Technology Corp SH7713 Datasheet HTML 731Page - Renesas Technology Corp SH7713 Datasheet HTML 732Page - Renesas Technology Corp SH7713 Datasheet HTML 733Page - Renesas Technology Corp SH7713 Datasheet HTML 734Page - Renesas Technology Corp SH7713 Datasheet HTML 735Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 731 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 691 of 860
REJ09B0288-0150
19.2.14
Receive Buffer Write Address Register (RBWAR)
RBWAR stores the address of data to be written in the receiving buffer when the E-DMAC writes
data to the receiving buffer. Which addresses in the receiving buffer are processed by the E-
DMAC can be recognized by monitoring addresses displayed in this register. The address that the
E-DMAC is actually processing may be different from the value read from this register.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
RBWA31 to
RBWA0
All 0
R
Receiving-Buffer Write Address
These bits can only be read. Writing is prohibited.
19.2.15
Receive Descriptor Fetch Address Register (RDFAR)
RDFAR stores the descriptor start address that is required when the E-DMAC fetches descriptor
information from the receiving descriptor. Which receiving descriptor information is used for
processing by the E-DMAC can be recognized by monitoring addresses displayed in this register.
The address from which the E-DMAC is actually fetching a descriptor may be different from the
value read from this register.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
RDFA31 to
RDFA0
All 0
R
Receiving-Descriptor Fetch Address
These bits can only be read. Writing is prohibited.
19.2.16
Transmit Buffer Read Address Register (TBRAR)
TBRAR stores the address of the transmission buffer when the E-DMAC reads data from the
transmission buffer. Which addresses in the transmission buffer are processed by the E-DMAC
can be recognized by monitoring addresses displayed in this register. The address from which the
E-DMAC is actually reading in the buffer may be different from the value read from this register.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
TBRA31 to
TBRA0
All 0
R
Transmission-Buffer Read Address
These bits can only be read. Writing is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com