Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 741 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 741 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 737Page - Renesas Technology Corp SH7713 Datasheet HTML 738Page - Renesas Technology Corp SH7713 Datasheet HTML 739Page - Renesas Technology Corp SH7713 Datasheet HTML 740Page - Renesas Technology Corp SH7713 Datasheet HTML 741Page - Renesas Technology Corp SH7713 Datasheet HTML 742Page - Renesas Technology Corp SH7713 Datasheet HTML 743Page - Renesas Technology Corp SH7713 Datasheet HTML 744Page - Renesas Technology Corp SH7713 Datasheet HTML 745Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 741 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 701 of 860
REJ09B0288-0150
(b)
Transmit Descriptor 1 (TD1)
TD1 indicates the data length of the transmit buffer used by the corresponding descriptor.
The user should set TD1 before the start of a read by the E-DMAC.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
TDL
All 0
R/W
Transmit Buffer Data Length (in bytes)
Indicate the data length of the corresponding transmit
buffer in bytes.
15 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
(c)
Transmit Descriptor 2 (TD2)
TD2 indicates the start address of the corresponding 32-bit width transmit buffer. An address
value on a longword boundary should be specified.
The user should set TD2 before the start of a read by the E-DMAC.
(2)
Receive Descriptor
Figure 19.3 shows the relationship between a receive descriptor and receive buffer.
The data of a receive descriptor consists of RD0, RD1, RD2, and padding data in groups of 32 bits
from top to end. The length of padding data is determined according to the descriptor length
specified by the DL0 and DL1 bits in EDMR. In the figure, RBA (bits 31 to 0 in RD2) indicates
the start address of a receive buffer. RBL (bits 31 to 16 in RD1) indicates the usable data length of
the receive buffer. RDL (bits 15 to 0 in RD1) indicates the data length of a received frame.
RD0 indicates whether the receive descriptor is valid or invalid as well as information about
descriptor configuration and status. RD1 indicates the length (storage destination size) of data in
the receive buffer to be received according to the specification of the descriptor. RD2 indicates the
start address of the receive buffer for storing receive data.
Depending on the descriptor specification, one receive descriptor can specify the storing of all
receive data of one frame in a receive buffer (single-frame/single-buffer) or multiple descriptors
can specify the storing of the receive data of one frame in receive buffers (single-frame/multi-
buffer). As an example of single-frame/multi-buffer operation, suppose that a row of multiple
descriptors (descriptor list) is prepared, RBL of each descriptor is 500 bytes, and a 1514-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com