Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 745 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 745 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 741Page - Renesas Technology Corp SH7713 Datasheet HTML 742Page - Renesas Technology Corp SH7713 Datasheet HTML 743Page - Renesas Technology Corp SH7713 Datasheet HTML 744Page - Renesas Technology Corp SH7713 Datasheet HTML 745Page - Renesas Technology Corp SH7713 Datasheet HTML 746Page - Renesas Technology Corp SH7713 Datasheet HTML 747Page - Renesas Technology Corp SH7713 Datasheet HTML 748Page - Renesas Technology Corp SH7713 Datasheet HTML 749Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 745 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 705 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
29
28
RFP1
RFP0
0
0
R/W
R/W
Receive Frame Position 1, 0
The E-DMAC indicates by write-back operation
whether information of the corresponding descriptor
represents information about the start, middle, or end
of the receive frame.
00: The information of the descriptor represents
information about the middle of the frame.
01: The information of the descriptor represents
information about the end of the frame.
10: The information of the descriptor represents
information about the start of the frame.
11: The information of the descriptor represents all
information about the frame (single-frame/single-
descriptor (single-buffer)).
Reference:
The relationship between a frame after reception of
one frame and a descriptor is described below.
[For single-frame/single-descriptor operation]
First descriptor: RFP[1:0] = 11
[For single-frame/two-descriptor operation]
First descriptor: RFP[1:0] = 10
Second descriptor: RFP[1:0] = 01
[For single-frame/three-descriptor operation]
First descriptor: RFP[1:0] = 10
Second descriptor: RFP[1:0] = 00
Third descriptor: RFP[1:0] = 01
When the number of divisions is large, a descriptor
row is configured by adding intermediate descriptors
with RFP[1:0] = 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com