Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 747 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 747 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 743Page - Renesas Technology Corp SH7713 Datasheet HTML 744Page - Renesas Technology Corp SH7713 Datasheet HTML 745Page - Renesas Technology Corp SH7713 Datasheet HTML 746Page - Renesas Technology Corp SH7713 Datasheet HTML 747Page - Renesas Technology Corp SH7713 Datasheet HTML 748Page - Renesas Technology Corp SH7713 Datasheet HTML 749Page - Renesas Technology Corp SH7713 Datasheet HTML 750Page - Renesas Technology Corp SH7713 Datasheet HTML 751Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 707 of 860
REJ09B0288-0150
(b)
Receive Descriptor 1 (RD1)
In RD1, the user specifies the data length of a receive buffer usable by the corresponding
descriptor. After reception of a frame, RD1 indicates the length of a frame received by the
E-DMAC.
The user should set RD1 before the start of a read by the E-DMAC.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
RBL
All 0
R/W
Receive Buffer Data Length (in bytes, to be specified
on 16-byte boundary)
Set the length of data that can be received by the
corresponding receive buffer in bytes.
Set a receive buffer length on a 16-byte boundary
(with bits 19 to 16 cleared to 0).
In single-frame/single-buffer (descriptor) operation,
the maximum receive frame length excluding CRC
data is 1514 bytes. When specifying a receive buffer
length, set 1520 bytes (H'05F0), which is determined
considering the maximum receive frame length and a
16-byte boundary.
15 to 0
RDL
All 0
R
Receive Data Length
Indicate the data length of a receive frame stored in
the receive buffer.
Receive data transferred to the receive buffer does
not include CRC data (4 bytes) placed at the end of a
frame. As a receive frame length, the number of bytes
(valid data bytes) not including CRC data are
reported.
In single-frame/multi-buffer (descriptor) operation,
only the receive data length of the last descriptor is
valid. The receive data length of an intermediate
descriptor has no meaning.
(c)
Receive Descriptor 2 (RD2)
RD2 indicates the start address of the corresponding 32-bit width receive buffer. Set the start
address of a receive buffer on a longword boundary. When an SDRAM is connected, set the start
address of a receive buffer on a 16-byte boundary.
The user should set RD2 before the start of a read by the E-DMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com