Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 746 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 746 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 742Page - Renesas Technology Corp SH7713 Datasheet HTML 743Page - Renesas Technology Corp SH7713 Datasheet HTML 744Page - Renesas Technology Corp SH7713 Datasheet HTML 745Page - Renesas Technology Corp SH7713 Datasheet HTML 746Page - Renesas Technology Corp SH7713 Datasheet HTML 747Page - Renesas Technology Corp SH7713 Datasheet HTML 748Page - Renesas Technology Corp SH7713 Datasheet HTML 749Page - Renesas Technology Corp SH7713 Datasheet HTML 750Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 746 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 706 of 860
REJ09B0288-0150
Bit
Bit Name
Initial
Value
R/W
Description
27
RFE
0
R/W
Receive Frame Error Occurrence
Indicates that an error occurred in the receive frame.
The errors occurred in RFS8 (bit 8), or RFS3 to RFS0
(bits 3 to 0). TRSCER can specify whether the
multicast address frame receive information is
reflected in this bit or not.
26 to 0
RFS26 to
RFS0
All 0
R/W
Receive Frame Status
Indicate the status of the corresponding frame. A bit
below, when set to 1, indicates the occurrence of the
corresponding event. If the events of RFS8, or RFS4
to RFS0 occur, frames are incompletely received.
RFS26 to RFS10: Reserved (The write value should
always be 0)
RFS9: Receive FIFO overflow (corresponding to the
RFOF bit in EESR)
RFS8: Receive abort detected
Note: This bit is set when any bit of RFS3 to RFS0
is set.
RFS7: Multicast address frame received
(corresponding to the RMAF bit in EESR)
RFS6 and RFS5: Reserved (The write value should
always be 0)
RFS4: residual-bit frame receive error (corresponding
to the RRF bit in EESR)
RFS3: Too-long frame receive error (corresponding
to the RTLF bit in EESR)
RFS2: Too-short frame receive error (corresponding
to the RTSF bit in EESR)
RFS1: PHY-LSI receive error (corresponding to the
PRE bit in EESR)
RFS0: CRC error on receive frame (corresponding to
the CERF bit in EESR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com