Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 742 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 742 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 738Page - Renesas Technology Corp SH7713 Datasheet HTML 739Page - Renesas Technology Corp SH7713 Datasheet HTML 740Page - Renesas Technology Corp SH7713 Datasheet HTML 741Page - Renesas Technology Corp SH7713 Datasheet HTML 742Page - Renesas Technology Corp SH7713 Datasheet HTML 743Page - Renesas Technology Corp SH7713 Datasheet HTML 744Page - Renesas Technology Corp SH7713 Datasheet HTML 745Page - Renesas Technology Corp SH7713 Datasheet HTML 746Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 742 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 702 of 860
REJ09B0288-0150
Ethernet frame is received. In such a case, the received Ethernet frame is transferred sequentially
to buffers, 500 bytes for each buffer, starting with the first descriptor. Only the last 14 bytes are
transferred to the fourth buffer. When a frame longer than RBL of a descriptor is received, the
E-DMAC transfers the remaining data to the receive buffer by using the subsequent descriptors.
As an example of efficient single-frame/multi-buffer operation, information items on different
processing layers in an Ethernet frame can be separated from each other by using different buffers.
For example, the destination address, transmit source address, and type field data in an Ethernet
frame can be stored in buffer 1 (with RBL set to 14 bytes) and the remaining data can be stored in
buffer 2 (with RBL set to 1500 bytes). All receive frames, of course, can be stored in a single
buffer if multiple descriptors are prepared and RBL of each descriptor is set to more than 1514
bytes (maximum Ethernet frame length).
Receive descriptor
Receive buffer
Valid receive data
R
A
C
T
R
D
L
E
R
F
P
1
R
F
E
RFS26 to RFS0
RD0
RBL
RDL
RD1
RBA
Padding (4/20/52 bytes)*
RD2
R
F
P
0
31 30 29 28 27 26
0
31
16
31
0
15
0
Note: * According to the descriptor length set by the DL0 and DL1 bits in EDMR, the padding size is determined as follows:
For 16 bytes: Padding = 4 bytes
For 32 bytes: Padding = 20 bytes
For 64 bytes: Padding = 52 bytes
Figure 19.3 Relationship between Receive Descriptor and Receive Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com