Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 743 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 743 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 739Page - Renesas Technology Corp SH7713 Datasheet HTML 740Page - Renesas Technology Corp SH7713 Datasheet HTML 741Page - Renesas Technology Corp SH7713 Datasheet HTML 742Page - Renesas Technology Corp SH7713 Datasheet HTML 743Page - Renesas Technology Corp SH7713 Datasheet HTML 744Page - Renesas Technology Corp SH7713 Datasheet HTML 745Page - Renesas Technology Corp SH7713 Datasheet HTML 746Page - Renesas Technology Corp SH7713 Datasheet HTML 747Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 743 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 703 of 860
REJ09B0288-0150
(a)
Receive Descriptor 0 (RD0)
The user sets the descriptor valid/invalid bit and sets whether the descriptor represents the end of
the descriptor list in RD0 before the RR bit in EDRRR is set to 1 and the start of a read by the E-
DMAC. After completion of receive DMA transfer of an Ethernet frame by the E-DMAC, the E-
DMAC disables the descriptor valid/invalid bit and writes status information. This operation is
referred to as write-back.
When using RD0, the user should write desired values to bits 31 and 30 according to the
descriptor configuration. Write 0 to bits 29 to 0.
Bit
Bit Name
Initial
Value
R/W
Description
31
RACT
0
R/W
Receive Descriptor Valid/Invalid
Indicates whether the corresponding descriptor is
valid or invalid. To make this bit valid, prepare a
receive buffer (user-specified receive data storage
destination) beforehand, then write 1 to this bit. The
E-DMAC clears this bit to 0 upon completion of data
transfer.
0: Indicates that the receive descriptor is invalid
Indicates the initial setting state, the state after 0 is
written, or (in case the user writes 1 to this bit) that
this bit is cleared to 0 because of completion of the
processing of the E-DMAC data transfer.
If this state is recognized when the E-DMAC reads
a descriptor, the E-DMAC clears the RR bit in
EDRRR to 0, and halts transfer operation related
to reception by the E-DMAC.
1: Indicates that the receive descriptor is valid
Indicates that data is not transferred yet after the
user writes 1 to this bit, or that data is being
transferred.
When there is a descriptor row (descriptor list)
consisting of multiple continuous descriptors, the
E-DMAC can continue operation when this bit of
the next descriptor is valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com