Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 748 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 748 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 744Page - Renesas Technology Corp SH7713 Datasheet HTML 745Page - Renesas Technology Corp SH7713 Datasheet HTML 746Page - Renesas Technology Corp SH7713 Datasheet HTML 747Page - Renesas Technology Corp SH7713 Datasheet HTML 748Page - Renesas Technology Corp SH7713 Datasheet HTML 749Page - Renesas Technology Corp SH7713 Datasheet HTML 750Page - Renesas Technology Corp SH7713 Datasheet HTML 751Page - Renesas Technology Corp SH7713 Datasheet HTML 752Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 708 of 860
REJ09B0288-0150
19.3.2
Transmission
When 1 is written to the transmit request bit (TR) in the E-DMAC transmit request register
(EDTRR) while the TE bit in ECMR is set to 1, the E-DMAC reads the descriptor following the
previously used descriptor from the transmit descriptor list (or the descriptor indicated by the
transmit descriptor start address register (TDLAR) at the initial start time). If the TACT bit of the
read descriptor is set to 1 (valid), the E-DMAC sequentially reads transmit frame data from the
transmit buffer start address specified by TD2 for transfer to the EtherC. The EtherC creates a
transmit frame and starts transmission to the MII. After DMA transfer of data equivalent to the
buffer length specified in the descriptor, the following processing is carried out according to the
TFP value.
1. TFP
= 00 or 10 (frame continuation):
Descriptor write-back (writing 0 to the TACT bit) is performed after DMA transfer.
2. TFP
= 01 or 11 (frame end):
Descriptor write-back (writing 0 to the TACT bit and writing status) is performed after
completion of frame transmission.
As long as the TACT bit of a read descriptor is set to 1 (valid), the reading of E-DMAC
descriptors and the transmission of frames continue. When a descriptor with the TACT bit cleared
to 0 (invalid) is read, the E-DMAC clears the TR bit in EDTRR to 0 and completes transmit
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com