| Electronic Components Datasheet Search |
|
SH7713 Datasheet(PDF) 752 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7713 Datasheet(HTML) 752 Page - Renesas Technology Corp |
|
752 / 904 page ![]() Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC) Rev.1.50 Aug. 30, 2006 Page 712 of 860 REJ09B0288-0150 19.3.4 Transmit/Receive Processing of Multi-Buffer Frame (Single-Frame/ Multi-Descriptor) (1) Multi-Buffer Frame Transmit Processing If an error occurs during multi-buffer frame transmission, the processing shown in figure 19.6 is carried out by the E-DMAC. In the figure where the transmit descriptor is shown as inactive (TACT bit = 0), buffer data has already been transmitted normally, and where the transmit descriptor is shown as active (TACT bit = 1), buffer data has not been transmitted. If a frame transmit error occurs in the first descriptor part where the transmit descriptor is active (TACT bit = 1), transmission is halted, and the TACT bit cleared to 0, immediately. The next descriptor is then read, and the position within the transmit frame is determined on the basis of bits TFP1 and TFP0 (continuing [B ′00] or end [B′01]). In the case of a continuing descriptor, the TACT bit is cleared to 0, only, and the next descriptor is read immediately. If the descriptor is the final descriptor, not only is the TACT bit cleared to 0, but write-back is also performed to the TFE and TFS bits at the same time. Data in the buffer is not transmitted between the occurrence of an error and write-back to the final descriptor. If error interrupts are enabled in the EtherC/E-DMAC status interrupt permission register (EESIPR), an interrupt is generated immediately after the final descriptor write-back. 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 1 0 E-DMAC Inactivates TACT (change 1 to 0) Descriptor read Inactivates TACT Descriptor read Inactivates TACT Descriptor read Inactivates TACT Descriptor read Inactivates TACT and writes TFE, TFS Descriptors Untransmitted data is not transmitted after error occurrence. Descriptor is only processed. One frame Buffer length set by descriptor Transmitted data Untransmitted data Transmit error occurrence T A C T T D L E T F P 1 T F P 0 Frame Type Start Start End Continue Continue Continue Continue Continue Continue Figure 19.6 E-DMAC Operation after Transmit Error |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |