Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 755 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 755 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 751Page - Renesas Technology Corp SH7713 Datasheet HTML 752Page - Renesas Technology Corp SH7713 Datasheet HTML 753Page - Renesas Technology Corp SH7713 Datasheet HTML 754Page - Renesas Technology Corp SH7713 Datasheet HTML 755Page - Renesas Technology Corp SH7713 Datasheet HTML 756Page - Renesas Technology Corp SH7713 Datasheet HTML 757Page - Renesas Technology Corp SH7713 Datasheet HTML 758Page - Renesas Technology Corp SH7713 Datasheet HTML 759Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 755 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 715 of 860
REJ09B0288-0150
(1)
Operation of Receive FIFO Overflow Alert Signal
Receive FIFO overflow alert signal is asserted when the number of the receive data accumulated
in the receive FIFO is equal to or more than the threshold set in the overflow alert FIFO threshold
register (FCFTR) (1). After that, when the number of the accumulated receive data drops below
(threshold
− 32) bytes, the signal is negated (2).
Here, threshold values are as follows: 2048
− 64, 1792 − 32,…. Therefore, the signal-negated
values are as follows: 2048
− 96, 1792 − 64,….
Receive
FIFO
Receive
data
Alert signal
empty
full
(1)
(2)
t
Threshold
(threshold
− 32) bytes
Transfer to memory by E-DMAC
Figure 19.9 Summary of Receive FIFO Overflow Alert Signal
(2)
Receive FIFO Overflow Alert Signal Changing
The receive FIFO in the E-DMAC can perform writing (reception) data from the Ethernet line and
reading data from the system simultaneously. Therefore during system operation, receive data of
FIFO is always increased or decreased. If the change is performed near the threshold, the receive
FIFO overflow alert signal may be seen as shown in figure 19.10. Minimum of receive data
changes depending on the number of FIFO read cycles and rate of Ethernet line (10 to 100 Mbs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com