Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 757 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 757 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 753Page - Renesas Technology Corp SH7713 Datasheet HTML 754Page - Renesas Technology Corp SH7713 Datasheet HTML 755Page - Renesas Technology Corp SH7713 Datasheet HTML 756Page - Renesas Technology Corp SH7713 Datasheet HTML 757Page - Renesas Technology Corp SH7713 Datasheet HTML 758Page - Renesas Technology Corp SH7713 Datasheet HTML 759Page - Renesas Technology Corp SH7713 Datasheet HTML 760Page - Renesas Technology Corp SH7713 Datasheet HTML 761Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 717 of 860
REJ09B0288-0150
19.4
Usage Notes
19.4.1
Using of EDTRR and EDRRR
(1)
Phenomenon
If the transmit and receive descriptor active bit has the “inactive” setting, the EDTRR register: TR
bit (Transmit Request) and the EDRRR register: RR bit (Receive Request) are cleared and the
operation of transmit E-DMAC is halted.
When the timing of clear TR/RR request bit and set TR/RR request bit by user’s firmware are
matched, E-DMAC cannot recognize the exact condition of TR/RR bit.
(2)
Condition
When TR/RR request bit is always set by the firmware without checking the state of TR/RR
request bit.
(3)
Countermeasures
Please check the TR/RR request bit is cleared by E-DMAC first, and then set the TR/RR request
bit by user’s firmware.
1. There are two ways to check TR request bit that is cleared by E-DMAC.
• Possible to check read “0” of TR bit of E-DMAC directly.
• Possible to check read “1” of TDE (Transmit Descriptor Exhausted) in EESR resister after the
interrupt on.
2. There are two ways to check RR request bit that is cleared by E-DMAC.
• Possible to check read “0” of RR bit of E-DMAC directly.
• Possible to check read “1” of RDE (Receive Descriptor Exhausted) in EESR resister after
interrupt on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com