Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 760 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 760 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 756Page - Renesas Technology Corp SH7713 Datasheet HTML 757Page - Renesas Technology Corp SH7713 Datasheet HTML 758Page - Renesas Technology Corp SH7713 Datasheet HTML 759Page - Renesas Technology Corp SH7713 Datasheet HTML 760Page - Renesas Technology Corp SH7713 Datasheet HTML 761Page - Renesas Technology Corp SH7713 Datasheet HTML 762Page - Renesas Technology Corp SH7713 Datasheet HTML 763Page - Renesas Technology Corp SH7713 Datasheet HTML 764Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 760 / 904 page
background image
Section 20 Pin Function Controller (PFC)
Rev.1.50 Aug. 30, 2006 Page 720 of 860
REJ09B0288-0150
Port
Port Function (Related Module)
Other Function (Related Module)
C
PTC3 input/output (port)
TXD_SIO1 output (SIOF1)
C
PTC2 input/output (port)
RXD_SIO1 input (SIOF1)
C
PTC1 input/output (port)
SIOMCLK1 input (SIOF1)
C
PTC0 input/output (port)
SCK_SIO1 input/output (SIOF1)
Note:
*
When the register is set to reserved, the operation is not guaranteed.
Table 20.2
List of Multiplexed Pins (2)
Ethernet controller Function
Other Function (Related Module)
Reserved
TEND1 output (DMAC)
Reserved
IRQ5 input (INTC)
EXOUT0 output
TEND0 output (DMAC)
Reserved
IRQ4 input (INTC)
20.2
Register Configuration
The registers of the pin function controller are shown below.
• Port A control register (PACR)
• Port B control register (PBCR)
• Port C control register (PCCR)
• Ethernet controller pin control register (PETCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com