Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 759 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 759 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 755Page - Renesas Technology Corp SH7713 Datasheet HTML 756Page - Renesas Technology Corp SH7713 Datasheet HTML 757Page - Renesas Technology Corp SH7713 Datasheet HTML 758Page - Renesas Technology Corp SH7713 Datasheet HTML 759Page - Renesas Technology Corp SH7713 Datasheet HTML 760Page - Renesas Technology Corp SH7713 Datasheet HTML 761Page - Renesas Technology Corp SH7713 Datasheet HTML 762Page - Renesas Technology Corp SH7713 Datasheet HTML 763Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 759 / 904 page
background image
Section 20 Pin Function Controller (PFC)
Rev.1.50 Aug. 30, 2006 Page 719 of 860
REJ09B0288-0150
Section 20 Pin Function Controller (PFC)
20.1
Overview
The pin function controller (PFC) is composed of registers for selecting the function of
multiplexed pins and the input/output direction. The pin function and input/output direction can be
selected for each pin individually without regard to the operating mode of the chip. Tables 20.1
and 20.2 list the multiplexed pins.
Table 20.1
List of Multiplexed Pins (1)
Port
Port Function (Related Module)
Other Function (Related Module)
A
PTA7 input/output (port)
SIOFSYNC0 input/output (SIOF0)
A
PTA6 input/output (port)
TXD_SIO0 output (SIOF0)
A
PTA5 input/output (port)
RXD_SIO0 input (SIOF0)
A
PTA4 input/output (port)
SIOMCLK0 input (SIOF0)
A
PTA3 input/output (port)
SCK_SIO0 input/output (SIOF0)
A
PTA2 input/output (port)
SCIF0CK input/output (SCIF0)
A
PTA1 input/output (port)
TXD0 output (SCIF0)
A
PTA0 input/output (port)
RXD0 input (SCIF0)
B
PTB7 input/output (port)
RTS0 output (SCIF0)
B
PTB6 input/output (port)
CTS0 input (SCIF0)
B
PTB5 input/output (port)
SCIF1CK input/output (SCIF1)
B
PTB4 input/output (port)
TXD1 output (SCIF1)
B
PTB3 input/output (port)
RXD1 input (SCIF1)
B
PTB2 input/output (port)
RTS1 output (SCIF1)
B
PTB1 input/output (port)
CTS1 input (SCIF1)
B
PTB0 input/output (port)
Reserved (setting prohibited)*
C
PTC7 input/output (port)
IOIS16 input (BSC)
C
PTC6 input/output (port)
CE2B output (BSC)
C
PTC5 input/output (port)
CE2A output (BSC)
C
PTC4 input/output (port)
SIOFSYNC1 input/output (SIOF1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com