Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 763 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 763 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 759Page - Renesas Technology Corp SH7713 Datasheet HTML 760Page - Renesas Technology Corp SH7713 Datasheet HTML 761Page - Renesas Technology Corp SH7713 Datasheet HTML 762Page - Renesas Technology Corp SH7713 Datasheet HTML 763Page - Renesas Technology Corp SH7713 Datasheet HTML 764Page - Renesas Technology Corp SH7713 Datasheet HTML 765Page - Renesas Technology Corp SH7713 Datasheet HTML 766Page - Renesas Technology Corp SH7713 Datasheet HTML 767Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 904 page
background image
Section 20 Pin Function Controller (PFC)
Rev.1.50 Aug. 30, 2006 Page 723 of 860
REJ09B0288-0150
20.3.3
Port C Control Register (PCCR)
PCCR is a 16-bit readable/writable register that selects the pin functions. PCCR is initialized to
H
′AAAA by a power-on reset, but is not initialized by a manual reset, in standby mode, or in sleep
mode.
Bit
Bit Name
Initial
Value
R/W
Description
15
PC7MD1
1
R/W
14
PC7MD0
0
R/W
13
PC6MD1
1
R/W
12
PC6MD0
0
R/W
11
PC5MD1
1
R/W
10
PC5MD0
0
R/W
9
PC4MD1
1
R/W
8
PC4MD0
0
R/W
7
PC3MD1
1
R/W
6
PC3MD0
0
R/W
5
PC2MD1
1
R/W
4
PC2MD0
0
R/W
3
PC1MD1
1
R/W
2
PC1MD0
0
R/W
1
PC0MD1
1
R/W
0
PC0MD0
0
R/W
Modes PC7 to PC0 Control
The combination of PCnMD1 and PCnMD0 (n = 0 to
7) selects the pin functions and controls input pull-up
MOS.
00: Other function (see Table 20.1)
01: Port output
10: Port input (pull-up MOS: on)
11: Port input (pull-up MOS: off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com