Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 767 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 767 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 763Page - Renesas Technology Corp SH7713 Datasheet HTML 764Page - Renesas Technology Corp SH7713 Datasheet HTML 765Page - Renesas Technology Corp SH7713 Datasheet HTML 766Page - Renesas Technology Corp SH7713 Datasheet HTML 767Page - Renesas Technology Corp SH7713 Datasheet HTML 768Page - Renesas Technology Corp SH7713 Datasheet HTML 769Page - Renesas Technology Corp SH7713 Datasheet HTML 770Page - Renesas Technology Corp SH7713 Datasheet HTML 771Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 904 page
background image
Section 21 I/O Ports
Rev.1.50 Aug. 30, 2006 Page 727 of 860
REJ09B0288-0150
Section 21 I/O Ports
21.1
Overview
This LSI has three 8-bit ports (ports A to C). All port pins are multiplexed with other pin functions
(the pin function controller (PFC) handles the selection of pin functions and pull-up MOS control).
Each port has a data register which stores data for the pins.
21.2
Register Descriptions
21.2.1
Port A Data Register (PADR)
PADR is an 8-bit readable/writable register that stores data for pins PTA7 to PTA0. Bits PA7DT
to PA0DT correspond to pins PTA7 to PTA0. PADR is initialized to H
′00 by a power-on reset but
is not initialized by a manual reset, in standby mode, or sleep mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
PA7DT
0
R/W
6
PA6DT
0
R/W
5
PA5DT
0
R/W
4
PA4DT
0
R/W
3
PA3DT
0
R/W
2
PA2DT
0
R/W
1
PA1DT
0
R/W
0
PA0DT
0
R/W
When the pin function is general output port, if the port
is read, the value of the corresponding PADR bit is
returned directly. When the function is general input
port, if the port is read, the corresponding pin level is
read. Table 21.1 shows the function of PADR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com