Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 769 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 769 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 765Page - Renesas Technology Corp SH7713 Datasheet HTML 766Page - Renesas Technology Corp SH7713 Datasheet HTML 767Page - Renesas Technology Corp SH7713 Datasheet HTML 768Page - Renesas Technology Corp SH7713 Datasheet HTML 769Page - Renesas Technology Corp SH7713 Datasheet HTML 770Page - Renesas Technology Corp SH7713 Datasheet HTML 771Page - Renesas Technology Corp SH7713 Datasheet HTML 772Page - Renesas Technology Corp SH7713 Datasheet HTML 773Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 904 page
background image
Section 21 I/O Ports
Rev.1.50 Aug. 30, 2006 Page 729 of 860
REJ09B0288-0150
Table 21.2
Port B Data Register (PBDR) Read/Write Operations (1)
PBnMD1 PBnMD0 Pin State
Read
Write
0
0
Other function
PBDR value
Value is written to PBDR, but does not
affect pin state.
1
Output
PBDR value
Write value is output from pin.
1
0
Input (Pull-up
MOS on)
Pin state
Value is written to PBDR, but does not
affect pin state.
1
Input (Pull-up
MOS off)
Pin state
Value is written to PBDR, but does not
affect pin state.
[Legend]
n = 1 to 7
Table 21.3
Port B Data Register (PBDR) Read/Write Operations (2)
PBnMD1 PBnMD0 Pin State
Read
Write
0
0
Reserved*
PBDR value
Value is written to PBDR, but does not
affect pin state.
1
Output
PBDR value
Write value is output from pin.
1
0
Input (Pull-up
MOS on)
Pin status
Value is written to PBDR, but does not
affect pin state.
1
Input (Pull-up
MOS off)
Pin status
Value is written to PBDR, but does not
affect pin state.
[Legend]
n = 0
Note:
*
When this pin is specified as a reserved pin, its operation is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com