Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 772 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 772 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 768Page - Renesas Technology Corp SH7713 Datasheet HTML 769Page - Renesas Technology Corp SH7713 Datasheet HTML 770Page - Renesas Technology Corp SH7713 Datasheet HTML 771Page - Renesas Technology Corp SH7713 Datasheet HTML 772Page - Renesas Technology Corp SH7713 Datasheet HTML 773Page - Renesas Technology Corp SH7713 Datasheet HTML 774Page - Renesas Technology Corp SH7713 Datasheet HTML 775Page - Renesas Technology Corp SH7713 Datasheet HTML 776Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 772 / 904 page
background image
Section 22 User Debugging Interface (H-UDI)
Rev.1.50 Aug. 30, 2006 Page 732 of 860
REJ09B0288-0150
22.2
Input/Output Pins
Table 22.1 shows the pin configuration of the H-UDI.
Table 22.1
Pin Configuration
Pin Name
Input/Output
Description
TCK
Input
Serial Data Input/Output Clock Pin
Data is serially supplied to the H-UDI from the data input pin
(TDI), and output from the data output pin (TDO), in
synchronization with this clock.
TMS
Input
Mode Select Input Pin
The state of the TAP control circuit is determined by changing
this signal in synchronization with TCK. The protocol conforms
to the JTAG standard (IEEE Std.1149.1).
TRST
Input
Reset Input Pin
Input is accepted asynchronously with respect to TCK, and
when low, the H-UDI is reset.
TRST must be low for a constant
period when power is turned on regardless of using the H-UDI
function. As the same as the
RESETP pin, the TRST pin should
be driven low at the power-on reset state and driven high after
the power-on reset state is released. This is different from the
JTAG standard.
See section 22.4.2, Reset Configuration, for more information.
TDI
Input
Serial Data Input Pin
Data transfer to the H-UDI is executed by changing this signal
in synchronization with TCK.
TDO
Output
Serial Data Output Pin
Data read from the H-UDI is executed by reading this pin in
synchronization with TCK. The data output timing depends on
the command type set in the SDIR. See section 22.4.3 TDO
Output Timing, for more information.
ASEMD0
Input
ASE Mode Select Pin
If a low level is input at the
ASEMD0 pin while the RESETP pin
is asserted, ASE mode is entered; if a high level is input,
normal mode is entered. In ASE mode, dedicated emulator
function can be used. The input level at the
ASEMD0 pin
should be held for at least one cycle after
RESETP negation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com