Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 768 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 768 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 764Page - Renesas Technology Corp SH7713 Datasheet HTML 765Page - Renesas Technology Corp SH7713 Datasheet HTML 766Page - Renesas Technology Corp SH7713 Datasheet HTML 767Page - Renesas Technology Corp SH7713 Datasheet HTML 768Page - Renesas Technology Corp SH7713 Datasheet HTML 769Page - Renesas Technology Corp SH7713 Datasheet HTML 770Page - Renesas Technology Corp SH7713 Datasheet HTML 771Page - Renesas Technology Corp SH7713 Datasheet HTML 772Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 904 page
background image
Section 21 I/O Ports
Rev.1.50 Aug. 30, 2006 Page 728 of 860
REJ09B0288-0150
Table 21.1
Port A Data Register (PADR) Read/Write Operations
PAnMD1 PAnMD0 Pin State
Read
Write
0
0
Other function
PADR value
Value is written to PADR, but does not
affect pin state.
1
Output
PADR value
Write value is output from pin.
1
0
Input (Pull-up
MOS on)
Pin state
Value is written to PADR, but does not
affect pin state.
1
Input (Pull-up
MOS off)
Pin state
Value is written to PADR, but does not
affect pin state.
[Legend]
n = 0 to 7
21.2.2
Port B Data Register (PBDR)
PBDR is an 8-bit readable/writable register that stores the data for pins PTB7 to PTB0. Bits
PB7DT to PB0DT correspond to the pins PTB7 to PTB0. PBDR is initialized to H
′00 by a power-
on reset but is not initialized by a manual reset, in standby mode, or sleep mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
PB7DT
0
R/W
6
PB6DT
0
R/W
5
PB5DT
0
R/W
4
PB4DT
0
R/W
3
PB3DT
0
R/W
2
PB2DT
0
R/W
1
PB1DT
0
R/W
0
PB0DT
0
R/W
When the pin function is general output port, if the port
is read, the value of the corresponding PBDR bit is
returned directly. When the function is general input
port, if the port is read, the corresponding pin level is
read. Tables 21.2 and 21.3 show the function of
PBDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com