Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 754 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 754 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 750Page - Renesas Technology Corp SH7713 Datasheet HTML 751Page - Renesas Technology Corp SH7713 Datasheet HTML 752Page - Renesas Technology Corp SH7713 Datasheet HTML 753Page - Renesas Technology Corp SH7713 Datasheet HTML 754Page - Renesas Technology Corp SH7713 Datasheet HTML 755Page - Renesas Technology Corp SH7713 Datasheet HTML 756Page - Renesas Technology Corp SH7713 Datasheet HTML 757Page - Renesas Technology Corp SH7713 Datasheet HTML 758Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 754 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 714 of 860
REJ09B0288-0150
19.3.5
Receive FIFO Overflow Alert Signal (
ARBUSY)
The E-DMAC outputs the receive FIFO overflow alert signal (
ARBUSY) to the EtherC to support
flow control function conforming to IEEE802.3x of the EtherC. The
ARBUSY signal
synchronized with the bus clock (B clock) signal is also output to an external pin of this LSI.
When the capacity of data received in receive FIFO or the number of receive frames reach the
threshold (RFF2 to RFF0, or RFD2 to RFD0) specified in FCFTR in E-DMAC,
ARBUSY is
valid.
The threshold is the value less than the overflow value: 2048
− 64, 1792 − 32, 1536 − 32,
and 256
− 32 bytes.
Figure 19.8 shows the configuration of the receive FIFO overflow alert signal (
ARBUSY) output.
As shown in figure 19.8, because the
ARBUSY signal passes through the system clock
synchronization circuit, it is behind the receive FIFO overflow alert signal received in EtherC.
This LSI
ARBUSY
EtherC
E-DMAC
Receive FIFO overflow
alert signal
System clock
synchronization
circuit
Figure 19.8 Configuration of
ARBUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com