Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 751 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 751 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 747Page - Renesas Technology Corp SH7713 Datasheet HTML 748Page - Renesas Technology Corp SH7713 Datasheet HTML 749Page - Renesas Technology Corp SH7713 Datasheet HTML 750Page - Renesas Technology Corp SH7713 Datasheet HTML 751Page - Renesas Technology Corp SH7713 Datasheet HTML 752Page - Renesas Technology Corp SH7713 Datasheet HTML 753Page - Renesas Technology Corp SH7713 Datasheet HTML 754Page - Renesas Technology Corp SH7713 Datasheet HTML 755Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 751 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 711 of 860
REJ09B0288-0150
This LSI + memory
Reception flowchart
E-DMAC
EtherC
Receive FIFO
Ethernet
EtherC/E-DMAC
initialization
Receive
descriptor and
receive buffer
setting
Reception
completed
[Legend]
EtherC/E-DMAC initialization: Executes a software reset with the SWR bit in EDMR set to 1.
Receive descriptor and receive buffer setting: Sets receive descriptors and receive buffers, and sets EtherC and E-DMAC
registers, then writes 1 to the RE bit in ECMR and the RR bit in EDRRR.
Start of reception: Occurs when 1 is written to the RE bit in ECMR and the RR bit in EDRRR.
Receive descriptor read: The E-DMAC reads a receive descriptor.
Receive data transfer: Writes receive data from the receive FIFO to the receive buffer by using DMA transfer by the E-DMAC.
Receive descriptor write-back: The E-DMAC writes 0 to the RACT bit and writes the receive status to the receive descriptor.
Receive data transfer
Receive data transfer
Frame reception
Start of reception
Receive descriptor read
Receive descriptor
write-back
Receive descriptor
write-back
Receive descriptor read
(preparation for receiving
the next frame)
Receive descriptor
read
Figure 19.5 Sample Reception Flowchart (Single-Frame/Two-Descriptor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com