Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 753 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 753 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 749Page - Renesas Technology Corp SH7713 Datasheet HTML 750Page - Renesas Technology Corp SH7713 Datasheet HTML 751Page - Renesas Technology Corp SH7713 Datasheet HTML 752Page - Renesas Technology Corp SH7713 Datasheet HTML 753Page - Renesas Technology Corp SH7713 Datasheet HTML 754Page - Renesas Technology Corp SH7713 Datasheet HTML 755Page - Renesas Technology Corp SH7713 Datasheet HTML 756Page - Renesas Technology Corp SH7713 Datasheet HTML 757Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 753 / 904 page
background image
Section 19 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev.1.50 Aug. 30, 2006 Page 713 of 860
REJ09B0288-0150
(2)
Receive Processing in Case of Multi-Buffer Frame
If an error occurs during reception in the case of a multi-buffer frame where a receive frame is
divided for storage in multiple buffers, the E-DMAC performs the processing shown in figure
19.7.
In the figure, the invalid receive descriptors (with the RACT bit cleared to 0) represent the normal
reception of data to be stored in buffers, and the valid receive descriptors (with the RACT bit set
to 1) represent unreceived buffers. If a frame receive error occurs with a descriptor shown in the
figure, the status is written back to the corresponding descriptor.
If error interrupts are enabled in the EtherC/E-DMAC status interrupt permission register
(EESIPR), an interrupt is generated immediately after the write-back. If there is a new frame
receive request, reception is continued from the buffer after that in which the error occurred.
E-DMAC
Inactivates RACT and writes RFE, RFS
Descriptor read
Descritptors
Buffer length set
by descriptor
Received data
Unreceived data
Receive error
occurrence
Start of frame
New frame reception
continues from this buffer
0
0
0
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
R
A
C
T
R
D
L
E
R
F
P
1
R
F
P
0
Frame
type
Start
Continue
Continue
.
.
.
.
.
.
.
.
Figure 19.7 E-DMAC Operation after Receive Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com