Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 823 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 823 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 819Page - Renesas Technology Corp SH7713 Datasheet HTML 820Page - Renesas Technology Corp SH7713 Datasheet HTML 821Page - Renesas Technology Corp SH7713 Datasheet HTML 822Page - Renesas Technology Corp SH7713 Datasheet HTML 823Page - Renesas Technology Corp SH7713 Datasheet HTML 824Page - Renesas Technology Corp SH7713 Datasheet HTML 825Page - Renesas Technology Corp SH7713 Datasheet HTML 826Page - Renesas Technology Corp SH7713 Datasheet HTML 827Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 823 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 783 of 860
REJ09B0288-0150
Section 24 Electrical Characteristics
24.1
Absolute Maximum Ratings
Table 24.1 shows the absolute maximum ratings.
Table 24.1
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Power supply voltage (I/O)
V
CCQ
V
CCQ-RTC
–0.3 to 4.6
V
Power supply voltage (internal)
V
CC
V
CC-PLL1
V
CC-PLL2
–0.3 to 2.1
V
Input voltage
V
in
–0.3 to V
CCQ + 0.3
V
Operating temperature
T
opr
–20 to 75
°C
Storage temperature
T
stg
–55 to 125
°C
Caution:
• Operating the chip in excess of the absolute maximum rating may result in permanent damage.
• Order of turning on 1.5 V power (Vcc, Vcc-PLL1, Vcc-PLL2) and 3.3 V power (VccQ, VccQ-
RTC):
1. The 3.3 V power and the 1.5 V power should be turned on simultaneously or the 3.3 V
power should be tuned on first. When the 3.3 V is turned on first, turn on the 1.5 V power
within 1 ms. It is recommended that this interval will be as short as possible.
2. Until voltage is applied to all power supplies and a low level is input at the
RESETP pin,
internal circuits remain unsettled, and so pin states are also undefined. The system design
must ensure that these undefined states do not cause erroneous system operation.
3. When the power is turned on, make sure that the voltage of the 1.5 V power is lower than
that of the 3.3 V power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com