Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 827 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 827 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 823Page - Renesas Technology Corp SH7713 Datasheet HTML 824Page - Renesas Technology Corp SH7713 Datasheet HTML 825Page - Renesas Technology Corp SH7713 Datasheet HTML 826Page - Renesas Technology Corp SH7713 Datasheet HTML 827Page - Renesas Technology Corp SH7713 Datasheet HTML 828Page - Renesas Technology Corp SH7713 Datasheet HTML 829Page - Renesas Technology Corp SH7713 Datasheet HTML 830Page - Renesas Technology Corp SH7713 Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 787 of 860
REJ09B0288-0150
Notes: 1. Even when the RTC is not used, power must be supplied between V
CCQ-RTC and VSSQ-
RTC.
2. Current consumption values are for V
IH min. = VCCQ – 0.5 V and VIL max. = 0.5 V with all
output pins unloaded.
Table 24.3
Permitted Output Current Values
(Conditions: V
CCQ = VCCQ-RTC = 3.0 to 3.6 V, VCC = VCC-PLL1 = VCC-PLL2 = 1.4 to 1.6 V,
V
SSQ = VSS = VSSQ-RTC = VSS-PLL1 = VSS-PLL2 = 0 V, Ta = –20 to 75°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Output low-level permissible current (per pin)
I
OL
—
—
2.0
mA
Output low-level permissible current (total)
∑ I
OL
—
—
120
mA
Output high-level permissible current (per pin)
–I
OH
—
—
2.0
mA
Output high-level permissible current (total)
∑ (–I
OH)
—
—
40
mA
Caution: To ensure LSI reliability, do not exceed the value for output current given in Table 24.3.
24.3
AC Characteristics
In general, inputting for this LSI should be clock synchronous. Keep the setup and hold times for
each input signal unless otherwise specified.
Table 24.4
Maximum Operating Frequencies
(Conditions: V
CCQ = VCCQ-RTC = 3.0 to 3.6 V, VCC = VCC-PLL1 = VCC-PLL2 = 1.4 to 1.6 V,
V
SSQ = VSS = VSSQ-RTC = VSS-PLL1 = VSS-PLL2 = 0 V, Ta = –20 to 75°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
CPU, cache (I
φ)
f
33.34
—
200
MHz
External bus (B
φ)
33.34
—
66.67
Operating
frequency
Peripheral module
(P
φ)
8.34
—
33.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com