Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 828 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 828 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 824Page - Renesas Technology Corp SH7713 Datasheet HTML 825Page - Renesas Technology Corp SH7713 Datasheet HTML 826Page - Renesas Technology Corp SH7713 Datasheet HTML 827Page - Renesas Technology Corp SH7713 Datasheet HTML 828Page - Renesas Technology Corp SH7713 Datasheet HTML 829Page - Renesas Technology Corp SH7713 Datasheet HTML 830Page - Renesas Technology Corp SH7713 Datasheet HTML 831Page - Renesas Technology Corp SH7713 Datasheet HTML 832Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 788 of 860
REJ09B0288-0150
24.3.1
Clock Timing
Table 24.5
Clock Timing
(Condition: V
CCQ = VCCQ-RTC = 3.0 to 3.6 V, VCC = VCC-PLL1 = VCC-PLL2 = 1.4 to 1.6 V,
V
SSQ = VSS = VSSQ-RTC = VSS-PLL1 = VSS-PLL2 = 0 V, Ta = –20 to 75°C,
maximum external bus operating frequency: 66.67 MHz)
Item
Symbol
Min.
Max.
Unit
Figure
EXTAL clock input frequency
f
EX
10
66.67 MHz
24.2
EXTAL clock input cycle time
t
EXcyc
15
100
ns
EXTAL clock input low pulse width
t
EXL
1.5
—
EXTAL clock input high pulse width
t
EXH
1.5
—
EXTAL clock input rise time
t
EXR
—
6
EXTAL clock input fall time
t
EXF
—
6
CKIO clock input frequency
f
CKI
33.34
66.67 MHz
24.3
CKIO clock input cycle time
t
CKIcyc
15
30
ns
CKIO clock input low pulse width
t
CKIL
3
—
CKIO clock input high pulse width
t
CKIH
3
—
CKIO clock input rise time
t
CKIR
—
4
CKIO clock input fall time
t
CKIF
—
4
CKIO clock output frequency
f
OP
33.34
66.67 MHz
24.4
CKIO clock output cycle time
t
cyc
15
30
ns
CKIO clock output low pulse width
t
CKOL
3
—
CKIO clock output high pulse width
t
CKOH
3
—
CKIO clock output rise time
t
CKOR
—
4
CKIO clock output fall time
t
CKOF
—
4
CKIO2 clock output delay time
t
CK2D
—
2.5
CKIO2 clock output rise time
t
CK2OR
—
7
CKIO2 clock output fall time
t
CK2OF
—
7
Power-on oscillation settling time
t
OSC1
10
—
ms
24.5
RESETP setup time
t
RESPS
20
—
ns
24.5
RESETP assert time
t
RESPW
20
—
t
cyc
24.5, 24.6
RESETM assert time
t
RESMW
20
—
t
cyc
24.6
Standby return oscillation settling time 1
t
OSC2
10
—
ms
24.6
Standby return oscillation settling time 2
t
OSC3
10
—
ms
24.7
Standby return oscillation settling time 3
t
OSC4
11
—
ms
24.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com