Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 825 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 825 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 821Page - Renesas Technology Corp SH7713 Datasheet HTML 822Page - Renesas Technology Corp SH7713 Datasheet HTML 823Page - Renesas Technology Corp SH7713 Datasheet HTML 824Page - Renesas Technology Corp SH7713 Datasheet HTML 825Page - Renesas Technology Corp SH7713 Datasheet HTML 826Page - Renesas Technology Corp SH7713 Datasheet HTML 827Page - Renesas Technology Corp SH7713 Datasheet HTML 828Page - Renesas Technology Corp SH7713 Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 785 of 860
REJ09B0288-0150
24.2
DC Characteristics
Tables 24.2 and 24.3 list DC characteristics.
Table 24.2
DC Characteristics (1)
(Condition: Ta = –20 to 75°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
Conditions
V
CCQ,
V
CCQ-RTC
3.0
3.3
3.6
V
Power supply voltage
V
CC,
V
CC-PLL1
V
CC-PLL2
1.4
1.5
1.6
V
I
CC
—
250
330
mA
V
CC = 1.5 V
I
φ = 200 MHz
Normal
operation
I
CCQ
—
40
70
mA
B
φ = 66.67 MHz
I
CC
—
110
160
mA
In sleep
mode*
I
CCQ
—
4
7
V
CCQ = 3.3 V
B
φ = 66.67 MHz
I
CC
—
1500
2600
µA
I
CCQ
—
75
230
T
a = 25°C
(RTC on)
V
CCQ = 3.3 V
V
CC = 1.5 V
I
CC
—
1500
2600
µA
Current
consumption
In standby
mode
I
CCQ
—
75
230
T
a = 25°C
(RTC off)
V
CCQ = 3.3 V
V
CC = 1.5 V
Input leak
current
All input pins
| I
in |
—
—
1.0
µA
V
in = 0.5 to
V
CCQ – 0.5 V
Three-state
leak current
I/O, all output
pins (off
condition)
| I
STI |
—
—
1.0
µA
Vin = 0.5 to
V
CCQ – 0.5 V
Pull-up
resistance
Port pin
R
pull
20
60
180
k
Ω
Pin
capacitance
All pins
C
—
—
20
pF
Note:
*
No external bus cycles except refresh cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com