Electronic Components Datasheet Search
  English  ▼

X  

SH7713 Datasheet(PDF) 824 Page - Renesas Technology Corp

Part # SH7713
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7713 Datasheet(HTML) 824 Page - Renesas Technology Corp

Back Button SH7713 Datasheet HTML 820Page - Renesas Technology Corp SH7713 Datasheet HTML 821Page - Renesas Technology Corp SH7713 Datasheet HTML 822Page - Renesas Technology Corp SH7713 Datasheet HTML 823Page - Renesas Technology Corp SH7713 Datasheet HTML 824Page - Renesas Technology Corp SH7713 Datasheet HTML 825Page - Renesas Technology Corp SH7713 Datasheet HTML 826Page - Renesas Technology Corp SH7713 Datasheet HTML 827Page - Renesas Technology Corp SH7713 Datasheet HTML 828Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 824 / 904 page
background image
Section 24 Electrical Characteristics
Rev.1.50 Aug. 30, 2006 Page 784 of 860
REJ09B0288-0150
• Power-off order
1. In the reverse order of powering-on, first turn off the 1.5 V power, then turn off the 3.3 V
power within 1 ms. It is recommended that this interval will be as short as possible.
2. Pin states are undefined while only the 1.5 V power is off. The system design must ensure
that these undefined states do not cause erroneous system operation.
3. When the power is turned off, make sure that the voltage of the 1.5 V power is lower than
that of the 3.3 V power.
Waveforms and recommended times at power on/off are shown in Figure 24.1.
tpwu
VccQ: 3.3 V power
VccQ (min) voltage
VccQ (min)
attain time
Vcc (min)
attain time
Vcc: 1.5 V power
Vcc (min) voltage
Vcc/2 level voltage
Normal operation term
States undefined
term
Operation stopped
Clock oscillation started
Oscillation settling time (10 ms)
Cancel the power-on reset and
go to normal operation
tunc
GND
tpwd
Figure 24.1 Power On/Off Sequence
Recommended Power On/Off Times
Item
Symbol
Max. Permitted
Value
Unit
VccQ to Vcc power-on time interval
tpwu
1
ms
VccQ to Vcc power-off time interval
tpwd
1
ms
State undefined term
tunc
10
ms
Note:
The recommended times shown above do not require strict settings.
The state undefined term indicates that pins are at the power rising stage. The pin state is
stabilized at VccQ (min.) attain time. However, a power-on reset (
RESETP) is accepted
successfully only after VccQ (min.) attain time and clock oscillation settling time. Set the
state undefined term less than 10 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com